Part Number Hot Search : 
TK621 RF954 HD14020B 74LS25 5100B2 NCV330 KA79M12R ARX4417
Product Description
Full Text Search
 

To Download NET-35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 35W Triple Output Switching Power Supply
Features :
Universal AC input / Full range
N E T- 3 5
series
Protections: Short circuit / Over load / Over voltage Cooling by free air convection 100% full load burn-in test 2 years warranty
SPECIFICATION
MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVERLOAD PROTECTION OVER VOLTAGE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & ISOLATION RESISTANCE EMC
(Note 6) Note.4 Note.5
NET-35A CH1 5V 3A
Note.6 0.5 ~ 4A
NET-35B CH2 12V 1A CH3 -5V 0.5A CH1 5V 3A 33W CH1: 4.75 ~ 5.5V 2.0% 6.0% 0.5% 1.5% 1.0% 3.0% CH2 12V 1A CH3 -12V 0.5A
NET-35C CH1 5V 2.5A 35W CH1: 4.75 ~ 5.5V 2.0% 8.0% 0.5% 1.5% 1.0% 3.0% CH2 15V 1A CH3 -15V 0.5A
NET-35D CH1 5V 2.5A 36.5W CH1: 4.75 ~ 5.5V 2.0% 8.0% 0.5% 1.5% 1.0% 3.0% CH2 24V 0.5A CH3 12V 1A 0.1 ~ 1A
0.1 ~ 1.5A 0.1 ~ 0.5A 0.5 ~ 4A
0.1 ~ 1.5A 0.1 ~ 0.5A 0.5 ~ 3.5A 0.1 ~ 1.5A 0.1 ~ 0.5A 0.5 ~ 3.5A 0.1 ~ 1A
29.5W CH1:4.75 ~ 5.5V 2.0% 6.0% 0.5% 1.5% 1.0% 3.0%
RIPPLE & NOISE (max.) Note.2 80mVp-p 120mVp-p 120mVp-p 80mVp-p 120mVp-p 120mVp-p 80mVp-p 150mVp-p 150mVp-p 80mVp-p 200mVp-p 120mVp-p 6.0% 1.0% 3.0% 6.0% 1.0% 3.0% 8.0% 1.0% 3.0% 8.0% 1.0% 3.0%
500ms, 30ms/230VAC 50ms/230VAC 85 ~ 264VAC 47 ~ 63Hz 78% 0.75A/115VAC COLD START 45A <2mA / 240VAC
1200ms, 30ms/115VAC at full load
10ms/115VAC at full load 120 ~ 370VDC 79% 0.5A/230VAC 79% 79%
110 ~ 150% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed CH1: 5.75 ~ 6.75V Protection type : Shut down o/p voltage, re-power on to recover -20 ~ +60 (Refer to output load derating curve) 20 ~ 90% RH non-condensing -40 ~ +85 , 10 ~ 95% RH 0.03%/ (0 ~ 45 ) 10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes UL60950-1, CB(IEC60950-1) Approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B HARMONIC CURRENT Compliance to EN61000-3-2,-3 EMS IMMUNITY MTBF Compliance to EN61000-4-2, 3, 4, 5, 6, 8,11, ENV50204, EN55024, EN61000-6-1 Light industry level, criteria A 386.2Khrs min. MIL-HDBK-217F (25 99*97*36mm (L*W*H) 0.36Kg; 45pcs/17.2Kg/0.93CUFT )
OTHERS
DIMENSION PACKING
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. Line regulation is measured from low line to high line at rated load. 5. Load regulation is measured from 20% to 100% rated load, and other output at 60% rated load. 6. Each output can work within current range. But total output power can't exceed rated output power. 7. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
File Name:NET-35-SPEC 2006-12-27
35W Triple Output Switching Power Supply
Mechanical Specification
20.5 55
N E T- 3 5
Case No. 905
series
Unit:mm
9.5
1
51.5
2 3 4
5.5
36
8.2
2-
M
5 6 7 +V ADJ.
3
3.5
4.5 89 99
Terminal Pin. No Assignment
Assignment Pin No. Pin No. 1 5 AC/L 2 AC/N 6 3 7 FG 4 DC OUTPUT V3 Assignment DC OUTPUT +V2 DC OUTPUT COM DC OUTPUT +V1
7
6.5
87
17.5
3.5
18
74
Block Diagram
RECTIFIERS & FILTER RECTIFIERS & FILTER I/P EMI FILTER RECTIFIERS & FILTER POWER SWITCHING RECTIFIERS & FILTER V3
28
fosc : 60KHz
+V2
+V1 COM
FG O.L.P. CONTROL
DETECTION CIRCUIT O.V.P.
Derating Curve
Output Derating VS Input Voltage
Ta=25
100
100 90
80
80
60
70
LOAD (%)
LOAD (%)
40
60 50 40
20
-20
0
10
20
30
40
50
60
70
(HORIZONTAL)
85
95
100
115
120
140
160
180
200
220
240
36
2-M
3
3.5
264
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (VAC) 60Hz
File Name:NET-35-SPEC 2006-12-27
55.5
97
3.5


▲Up To Search▲   

 
Price & Availability of NET-35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X